Part Number Hot Search : 
2SA1757 MMBZ5239 CSR0204 AP7361 L1035 NDP605A 2SD13 BU250
Product Description
Full Text Search
 

To Download RK11K1120A31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  359 a 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications 11mm size insulated shaft snap-in type rk11k 1. other varieties are also available. refer to "other specifications" (p.3 61). 2. nut and washer are not attached. please specify if required. notes packing specifications tray typical specifications items specifications total resistance tolerance 20 maximum operating voltage 50v ac, 20v dc total rotational angle 3005 rotational torque 3 to 20mn?m operating life 15,000 cycles operating temperature range ?10 to 70 length of the shaft lm 1 mm number of packages pcs. export package measurements mm 1 case / japan 1 case / export packing 15 1, 2 0 0 2,400 37453224 0 20 to 22.5 1,000 2,000 25 or more 800 1, 6 0 0 vertical type horizontal type flat 15 20 20 22.5 2 7. 5 30 32.5 25 22.5 25 2 7. 5 25 25 without with without with 10 20 10 20 10 20 10 20 1b 15 a without with without with 1, 2 0 0 2,400 1,000 2,000 800 1, 6 0 0 1,000 2,000 800 1, 6 0 0 2 4 1 3 rk11k1130a2x rk11k1130a0m rk11k1130040 rk11k1130a07 rk11k113002f rk11k114003y rk11k1140a9l rk11k1140a23 rk11k114001z rk11k1140a3l rk11k1140a4q rk11k1140a2s rk11k1110a3d rk11k1120060 rk11k1120a5t RK11K1120A31 number of resistor elements mounting direction shaft type length of the shaft lm 1 mm center detent total resistance k ? resistance taper bushing products no. minimum order unit pcs. japan export drawing no. single-unit 20v dc without without with without with 1,000 2,000 800 1, 6 0 0 product line refer to p.361 for other specifications. refer to p.362 for ordering products not listed. refer to p.371 for soldering conditions. rotary potentiometers slide potentiometers metal shaft insulated shaft knob operating ring type
360 25 12 2.6 6.1 2 10 4.5 8.1 3.5 3.2 ?6 rk11k111-rv13.eps dimensions no. photo style pc board mounting hole dimensions viewed from mounting side unit:mm 1 2 3 4 horizontal type with bushing rk11k112 vertical type with bushing rk11k114 r 1 lm 1 60? ( 8.1 ) 11 ?6 ( 12 ) ( 1.6 ) 0.8 9.4 10 6.1 ( 3.5 ) ( 3.2 ) 2 2.6 4.5 6.6 shaft shown in full ccw position r 1 9.1 ?6 lm 1 60? 6.6 ( 3.2 ) 10 2 ( 3.5 ) 11 4.5 ( 8.1 ) surface mounting shaft shown in full ccw position r 1 lm 1 60? ( 7.5 ) 11 8 ?6 ( 12 ) ( 1.6) 0.8 9.4 10 6.1 ( 3.5 ) ( 3.2 ) 2 2.6 4.5 6.6 l 1 5 m9 g 0.75 shaft shown in full ccw position 5.4 10.9 ( 8 ) 10.9 ( 8 ) 9.1 6.6 5.4 8 11 60? 4.5 r 1 ( 7.5 ) ?6 ( 3.2 ) ( 3.5 ) l 1 lm 1 2 10 surface mounting m9 g 0.75 shaft shown in full ccw position 5 horizontal type without bushing rk11k111 lm 1 25 20 r 1 12 15 4.5 7 l 1 15 20 lm 1 22.5 27.5 r 1 7 17.5 25 12 12 l 1 12.5 15 lm 1 20 22.5 r 1 7 7 17.5 20 25 27.5 12 12 22.5 25 30 32.5 12 12 vertical type without bushing rk11k113 4fvbf4b4b5f rk11k 2 7.5 10.2 2.5 3.3 2.1 t11.6 4-?1 hole 2.1 13 11 2 7.5 2.5 4-?1 hole 2 7.5 10.2 2.5 3.3 7.5 2.1 mounting surface 4-?1 hole 2.5 7.5 2 11 13 2.1 4-?1 hole rotary potentiometers slide potentiometers metal shaft insulated shaft knob operating ring type
361 in addition to the products listed, we can accommodate the follow specifications. total resistance variety total resistance k ? 5 10 20 50 10 0 200 resistance taper tapped types are also available shaft variety rk11k single-unit is also available with tap. resistance taper 15 a 1b 3b 15 c shaft variety 15 20 25 30 ` ` ` ` 4.5 7 12 12 ` ` ` ` lm 1 l 1 ? 1 l b 20 12 . 5 7 5 22.5 15 7 5 25 17. 5 12 5 2 7. 5 20 12 5 30 22.5 12 5 32.5 25 12 5 style without bushing with bushing horizontal type vertical type horizontal type vertical type r 1 lm 1 r 1 lm 1 r 1 l 1 l b lm 1 r 1 l 1 l b lm 1 unit:mm 4.5 4.5 ?6 c0.5 lm 1 =15 only application 1.5 r 1 0.5 0.5 4.5 ?6 terminal layout / circuit diagram without tap with tap 3 4 1 2 1 2 3 4 3 1 2 23 1 dummy refer to p.362 for ordering products not listed. detail dimensions marked are specifications recommended by alps. note 11mm size insulated shaft snap-in type / other specifications rotary potentiometers slide potentiometers metal shaft insulated shaft knob operating ring type
362 100 90 80 70 60 50 40 30 20 10 0102030405060708090 output volt.across term.2-3 input volt. across term. 1-3 100 c(15c) g 100 ( % ) j rotation travel ( % ) term."1" term."3" j 100 90 80 70 60 50 40 30 20 10 0 100908070605040302010 rotation travel ( % ) term."1" term."3" output volt.across term.1-2 input volt. across term. 1-3 g 100 ( % ) b(1b) v(vol.control)(3b) j j a(15a) when ordering product varieties that are not listed, specify referring to the examples below. sample part number r k 1 1 k 1 1 4 0 f 2 2 c 0 b 1 0 3 detent model type code 1 2 model type horizontal type without bushing 3 vertical type without bushing 4 vertical type with bushing horizontal type with bushing shaft type code f shaft type flat length of the shaft lm 1 mm code 15 length of the shaft 15 20 20 code 25 30 length of the shaft 25 30 22 22.5 27 2 7. 5 32 ` 32.5 ` resistance taper total resistance only available in flat format. code c0 c1 center detent without with code a b resistance taper 15 a 1b resistance taper 15 c code c 3b v code 502 10 3 203 total resistance k ? 5 10 20 total resistance k ? 50 10 0 200 code 503 10 4 204 b : for tone & general v : for vol. marked are specifications recommended by alps. note 11mm size insulated shaft snap-in type / ordering products not listed rotary potentiometers slide potentiometers metal shaft insulated shaft knob operating ring type
350 list of varieties insulated shaft potentiometers type 9mm size 11mm size 12mm size 14mm size series rk09k11 rk09d11 rk09k12 rk09y11l rk11k rk12l12 rk12l115 rk14k single-unit dual-unit single-unit single-unit dual-unit single-unit dual-unit photo terminal mounting vertical / horizontal horizontal vertical / horizontal vertical vertical / horizontal bushing without with / without without with with / without operating temperature range ?10 t o 70 ?40 to 85 ?10 t o 70 operating life 5,000 cycles 10,000 cycles 1,000,000 cycles 15,000 cycles available for automotive use ` ` ` ` ` ` life cycle electrical performance total resistance k ? 5, 10, 20, 50, 100, 200 10 5, 10, 20, 50, 100, 200 5, 10, 20, 50, 10 0 5, 10, 20, 50, 100, 200 resistance taper 15a, 1b, 3b, 15c b 15a, 1b, 3b, 15c 15a, 1b, 3b 15a, 1b, 3b, 15 c total resistance tolerance 20 30 30 20 rated power 0.05w 0.03w 0.01w 0.05w maximum operating voltage 50v ac 20v dc 50v ac for ac only 50v ac 5v dc 50v ac 20v dc 50v ac for ac only 50v ac 20v dc 50v ac for ac only gang error ` ?40db to 0db 3db max. ` ` volume control ?40db to 0db 3db ma x. for tone control within 2db at center ` volume control ?40db to 0db 3db ma x. for tone control within 2db at center insulation resistance 10 0 m m i n . 2 5 0 v d c 10 0 m m i n . 500v dc 10 0 m m i n . 2 5 0 v d c voltage proof 250v ac for 1minute 500v ac f o r 1m i n u t e 3 0 0 v a c f o r 1m i n u t e center-taps without without / with without without / with volume control mechanical performance detent without, center without without, center without custom without, center stopper strength 0 . 3 n?m ` without bushing 0.5n?m with bushing 0.6n?m 0 . 5 n?m 0 . 6 n?m push-pull strength 50n max. 30n max. 80n max. vibration 10 to 55 to 10hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of x, y and z and for 2 hours respectively shaft configuration flat type, knob type, screwdriver type flat type terminal style insertion page 3 51 358 359 363 366 367 insulated shaft potentiometers soldering conditions ?????????????????????????????????????? 371 potentiometers cautions ???????????????????????????????????????????????????? 427 potentiometers measurement and test methods ???????????????????????????????????????? 429 potentiometers resistance taper ???????????????????????????????????????????????? 431 note indicates applicability to all products in the series. rotary potentiometers slide potentiometers metal shaft insulated shaft knob operating ring type
371 reference for manual soldering reference for dip soldering series preheating dip soldering no. of solders soldering surface temperature heating time soldering temperature soldering time rk12l 10 0 1 min. max. 260 max. 5s max. 2 time max. series tip temperature soldering time no. of solders rk09d, rk09k, rk09y11l, rk11k, rk12l, rk12l115, rk14k 350 max. 3s max. 1 time insulated shaft potentiometers / soldering conditions rotary potentiometers slide potentiometers metal shaft insulated shaft knob operating ring type


▲Up To Search▲   

 
Price & Availability of RK11K1120A31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X